Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 10 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 10 Page - GREATECS

Back Button YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS YOS3C Datasheet HTML 10Page - GREATECS YOS3C Datasheet HTML 11Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
10
COMMAND APPLICATION EXAMPLE
Command usage and explanation of an actual example
<Initialization>
OLED_VCC_CTL=0;
//Off power up Panel Vcc
OLED_RESET=0;
//Reset driver IC for 100ms
Delay_100ms (1);
OLED_RESET=1;
Set SOFT_RESET (0x01, 0x00);
Set STANDBY_ON_OFF (0x14, 0x00);
Set DISP_ON_OFF (0x02, 0x00);
Set ANALOG CONTROL (0x0F, 0x40);
Set OSC_ADJUST (0x1A, 0x03);
Set DISPLAYSTART_X (0x38, 0x00);
Set DISPLAYSTART_Y (0x39, 0x00);
Set RGB_IF (0xE0, 0x00);
Set RGB_POL (0xE1, 0x00);
Set DISPLAY_MODE_CONTROL (0xE5, 0x00);
Set CPU_IF (0x0D, 0x00);
Set MEMORY_WRITE/READ (0x1D, 0x01);
Set ROW_SCAN_DIRECTION (0x09, 0x00);
Set ROW_SCAN_MODE (0x13, 0x00);
Set COLUMN_CURRENT_R (0x40, 0x7F);
Set COLUMN_CURRENT_G (0x41, 0x65);
Set COLUMN_CURRENT_B (0x42, 0x7B);
Set ROW_OVERLAP (0x48, 0x03);
Set DISCHARGE_TIME (0x18, 0x03);
Set PEAK_PULSE_DELAY (0x16, 0x00);
Set PEAK_PULSE_WIDTH_R (0x3A, 0x03);
Set PEAK_PULSE_WIDTH_G (0x3B, 0x03);
Set PEAK_PULSE_WIDTH_B (0x3C, 0x02);
Set PRECHARGE_CURRENT_R (0x3D, 0x09);
Set PRECHARGE_CURRENT_G (0x3E, 0x09);
Set SCAN_OFF_LEVEL (0x49, 0x0F);
SetDISPLAY_X1(0x30,0x00);
Set DISPLAY_X2 (0x31, 0x5F);
Set DISPLY_Y1 (0x32, 0x00);
Set DISPLAY_Y2 (0x33, 0x5F);
Clear Screen;
Set DISP_ON_OFF (0x02, 0x01);
OLED_VCC=1;
//Power up Vcc
Delay_100ms(1);
//Dealy 100ms
Set_Display_On(0xAF);
// Display On (0x00/0x01)
If the noise is accidentally occurred at the displaying window during the operation,
please reset the display in order to recover the display function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com