Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 11 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 11 Page - GREATECS

Back Button YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS YOS3C Datasheet HTML 10Page - GREATECS YOS3C Datasheet HTML 11Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
11
RELIABILITY
1.
Contents of Reliability Test
Item
Conditions
Criteria
High Temperature Operation
70 C, 240hrs
The operational functions
work.
Low Temperature Operation
-30 C, 240hrs
High Temperature Storage
80 C, 240hrs
Low Temperature Storage
-40 C, 240hrs
High Temperature/ Humidity
Operation
60 C,
90% RH, 120hrs
Thermal Shock
-40 C
85 C, 24 cycles
60 mins dwell
*The samples used for the above test do not include polarizer.
*No moisture condensation is observed during tests.
2.
Lifetime
End of lifetime is specified as 50% of initial brightness.
Parameter
Min
Max
Unit
Condition
Notes
Operating Life Time
10,000
-
hr
100 cd/
, 50% checkerboard
*
Storage Life Time
20,000
-
hr
Ta = 25 C, 50% RH
*The average operating lifetime at room temperature is estimated by the accelerated
operation at high temperature conditions.
10.3. Failure Check Standard
After the completion of the described reliability test, the samples were left at room
temperature for 2 hrs prior to conducting the failure test at 23 ± 5 C
55 ± 15% RH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com