Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 7 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 7 Page - GREATECS

Back Button YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS YOS3C Datasheet HTML 10Page - GREATECS YOS3C Datasheet HTML 11Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
7
TIMING CHART
3.
Series Interface Timing Characteristics
Symbol
Description
Min
Max
Unit
Port
tCYCS
Serial Clock Cycle
200
-
ns
SCL
tSHW
SCL “L” Pulse Width
90
-
ns
tSLW
SCL “H” Pulse Width
90
-
ns
tDss
Data Setup Timing
25
-
ns
SDI
tDHS
Data Hold Timing
25
-
ns
tCSS
CSB-SCL Timing
25
-
ns
CSB
tCSH
CSB-Hold Timing
25
-
ns
tRSS
RS-SCL Timing
25
-
ns
RS
tRSH
RS-Hold Timing
25
ns
(VDD = 2.8V, Ta =25 C)
* All the timing reference is 10% and 90% of VDD
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com