Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 1 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 1 Page - GREATECS

  YOS3C Datasheet HTML 1Page - GREATECS YOS3C Datasheet HTML 2Page - GREATECS YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
1
DISTINCTIVE CHARACTERISTICS
- Organic LED Technology
- Wide View Angle of 160°
- Exceptional Contrast and Brightness: 50times greater
Brightness than previous LCD Products, four times
more enhanced Resolution
- High Resolution provides sharp, clear Images of very
small Characters
- Single Power / Built in DC to DC Converter for OEL Panel
- Distinct, Long travel of 5mm
- Sophisticated Housing for Assembly easily
- Support Parallel and Serial Interface
GERNERAL SPECIFICATIONS
Dispaly Specifications
- Display Type: OLED
- Display Mode: Passive Matrix
- Display Color: 65,536 Colors (Maximum)
- Drive Duty: 1/96 Duty
- Number of Pixels: 96(RGB)x96
- Pixel Size: 0.049x0.191 mm
- Pixel Pitch: 0.069x0.207 mm
Mechanical Specifications
- Dimension: 29.50x29.50x10.30 mm (LxWxH)
- Window Size: 21.65x21.65 mm (LxW)
- Active Area: 19.852x 19.856 mm
- Assembly: Pitch 1.27mm / 12 Pin Connector*2
- Assembly on PCB Easy & Removable & Flexible
Electrical Characteristic
- Supply Voltage: 2.4 ~ 3.3 V
- Single Voltage Control Display Module
- Built-in DC to DC Power Supply to Drive OLED
- Driver IC: SEPS114A
- Interface: Parallel/Serial/68xx/80xx/4-wire SPI
TYPICAL SWITCH DIMENSIONS


Similar Description - YOS3C

ManufacturerPart #DatasheetDescription
logo
GREATECS
YOD1C GREATECS-YOD1C Datasheet
295Kb / 11P
96RGBx96 (1.10") OLED Switches
YOD2C GREATECS-YOD2C Datasheet
306Kb / 11P
96RGBx96 (1.10") OLED Switches Snap-In Type
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12832D-P CRYSTAIFONTZ-CFAL12832D-P Datasheet
617Kb / 13P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com