Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 9 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 9 Page - GREATECS

Back Button YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS YOS3C Datasheet HTML 10Page - GREATECS YOS3C Datasheet HTML 11Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
9
FUNCTION SPECIFICATION
3.
Reset Circuit
When RSTB input is low, the chip is initialized with the following status:
1.
Standby Mode: On
2.
Frame Frequency: 95Hz
3.
Oscillation: Internal Oscillator Off
4.
DDRAM Write Horizontal Address: XS = 0x00, XE = 0x5F
5.
DDRAM Write Vertical Address: YS = 0x00, YE = 0x5F
6.
Display Data RAM Write: MDIR1 = 0, MDIR0 = 0, VH = 0
7.
Row Scan Shift Direction: R0, R1, … , R94, R95
8.
Column Data Shift Direction: C0, C1, … , C286, C287
9.
Display On/Off: Off
10.
Panel Display Size: FX = 0x00, TX = 0x5F, FY = 0x00, TY = 0x5F
11.
Display Data RAM Read Column/Row Address: DX = 0x00, DY = 0x00
12.
Discharge Time: 8 Clock
13.
Peak Pulse Delay: 5 Clock
14.
Peak Pulse Width Time (R/G/B): 5 Clock
15.
Precharge Current (R/G/B): 0 A
16.
Driving Current (R/G/B): 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com