Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 8 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 8 Page - GREATECS

Back Button YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS YOS3C Datasheet HTML 10Page - GREATECS YOS3C Datasheet HTML 11Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
8
FUNCTION SPECIFICATION
1.
Commands
Refer to the Technical Manual for the SEPS114A
2.
Power Down and Power up Sequence
To protect OEL panel and extend the panel life time, the driver IC power
up/down routine should include a delay period between high voltage and low
voltage power sources during turn on/off. It gives the OEL panel enough time
to complete the action of charge and discharge before/after the operation.
2.1.
Power up Sequence
1.
Power up VDD & VDDIO
2.
Send Display off command
3.
Initialization
4.
Clear Screen
5.
Power up VCC_C
6.
Delay 100ms
(when VCC_C is stable)
7.
Send Display on command
2.2.
Power down Sequence
1.
Send Display off command
2.
Power down Vcc_c
3.
Delay 100ms
(when Vcc_c is reach 0 and panel is completely discharges)
4.
Power down V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com