Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 5Page - Sharp Corporation LS013B4DN02 Datasheet HTML 6Page - Sharp Corporation LS013B4DN02 Datasheet HTML 7Page - Sharp Corporation LS013B4DN02 Datasheet HTML 8Page - Sharp Corporation LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation LS013B4DN02 Datasheet HTML 10Page - Sharp Corporation LS013B4DN02 Datasheet HTML 11Page - Sharp Corporation LS013B4DN02 Datasheet HTML 12Page - Sharp Corporation LS013B4DN02 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
8
4. Input terminal names and functions
Table4-1
Terminal
symbol
I/O
Function
Remark
1
SCLK
INPUT
Serial clock signal
2
SI
INPUT
Serial data input signal
3
SCS
INPUT
Chip select signal
4
EXTCOMIN
INPUT
External COM inversion signal input (H: enable)
5
DISP
INPUT
Display ON/OFF signal
【
Remark4-2】
6
VDDA
POWER
Power supply (Analog)
7
VDD
POWER
Power supply (Digital)
8
EXTMODE
INPUT
COM inversion select terminal
【
Remark4-1】
9
VSS
GND
GND(Digital)
10
VSSA
GND
GND(Analog)
【
Remark4-1】When it’s ”H”, EXTCOMIN signal is enable. And when it’s ”L” ,sirial input flag is enable.
【
Remark4-1】When it’s ”H”, EXTCOMIN signal is enable. And when it’s ”L” ,sirial input flag is enable.
“H”mode; connect the EXTMODE toVDD, ”L” mode; connect the EXTMODE to VSS.
【
Remark4-2】The display ON/OFF signal is only for display. Data in the memory will be saved at the time of ON/OFF.
When it’s ”H”, data in the memory will display, when it’s ”L”, white color will diaplay and data in the memory will be
saved.
4-2)Recommended circuit;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com