Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation LS013B4DN02 Datasheet HTML 10Page - Sharp Corporation LS013B4DN02 Datasheet HTML 11Page - Sharp Corporation LS013B4DN02 Datasheet HTML 12Page - Sharp Corporation LS013B4DN02 Datasheet HTML 13Page - Sharp Corporation LS013B4DN02 Datasheet HTML 14Page - Sharp Corporation LS013B4DN02 Datasheet HTML 15Page - Sharp Corporation LS013B4DN02 Datasheet HTML 16Page - Sharp Corporation LS013B4DN02 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
12
6-3) Input signal characteristics
Table6-3-1
VDDA=+5.0V、VDD=+5.0V、GND=0V、Ta=25
℃
Item
Symbol
MIN
TYP
MAX
Unit
Remark
Frame frequency
fSCS
1
-
60
Hz
Clock frequency
fSCLK
1
2
MHz
Vertical Interval
tV
16.66
-
1000
ms
COM Frequency
fCOM
0.5
-
30
Hz
Table 6-3-2
VDDA=+5.0V、VDD=+5.0V、GND=0V、Ta=25
℃
Item
Symbol
MIN
TYP
MAX
Unit
Remark
SCS Rising time
trSCS
-
-
50
ns
SCS Falling Time
tfSCS
-
-
50
ns
68
-
-
us
SCS High duration
twSCSH
12
-
-
us
SCS Low duration
twSCSL
1
-
-
us
SCS set up time
tsSCS
3
-
-
us
SCS hold time
thSCS
1
-
-
us
SI frequency
fSI
-
0.5
1
MHz
SI Rising time
trSI
-
-
50
ns
SI Folling time
tfSI
-
-
50
ns
SI set up time
tsSI
120
-
-
ns
SI hold time
thSI
125
-
-
ns
SCLK Rising time
trSCLK
-
-
50
ns
SCLK Folling time
tfSCLK
-
-
50
ns
SCLK High duration
twSCLKH
200
450
-
ns
SCLK Low duration
twSCLKL
200
450
-
ns
EXTCOMIN signal freequency
fEXTCOMIN
1
60
Hz
[Remark6-3]
EXTCOMIN signal rising time
trEXTCOMIN
-
-
50
ns
EXTCOMIN signal folling time
twEXTCOMIN
-
-
50
ns
EXTCOMIN signalHigh duration thlEXTCOMIN
1
us
DISP Rising time
trDISP
-
-
50
ns
DISP Folling time
tfDISP
-
-
50
ns
【
Remark 6-3】 EXTCOMIN frequency should be made lower than frame frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com