Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 14 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 10Page - Sharp Corporation LS013B4DN02 Datasheet HTML 11Page - Sharp Corporation LS013B4DN02 Datasheet HTML 12Page - Sharp Corporation LS013B4DN02 Datasheet HTML 13Page - Sharp Corporation LS013B4DN02 Datasheet HTML 14Page - Sharp Corporation LS013B4DN02 Datasheet HTML 15Page - Sharp Corporation LS013B4DN02 Datasheet HTML 16Page - Sharp Corporation LS013B4DN02 Datasheet HTML 17Page - Sharp Corporation LS013B4DN02 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
13
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
50%
10%
90%
50%
50%
10%
10%
50%
50%
50%
50%
twSCSH
twSCSL
tfSCS
thSCS
trSCS
tsSCS
trSI
tsSI
thSI
tfSI
trSCLK
tfSCLK
twSCLKH
twSCLKL
SCS
SI
SCLK
10%
90%
10%
90%
trEXTCOMIN
50%
50%
50%
twEXTCOMINH
fEXTCOMIN
tfEXTCOMIN
10%
90%
10%
90%
trDISP
tfDISP
EXTCOMIN
DISP
SCS, SI, SCLK signal
EXTCOMIN signal
DISP signal
※
SCS,SI,SCLK、DISP、EXTCOMIN: 3V input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com