Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 2 Page - Sharp Corporation

  LS013B4DN02 Datasheet HTML 1Page - Sharp Corporation LS013B4DN02 Datasheet HTML 2Page - Sharp Corporation LS013B4DN02 Datasheet HTML 3Page - Sharp Corporation LS013B4DN02 Datasheet HTML 4Page - Sharp Corporation LS013B4DN02 Datasheet HTML 5Page - Sharp Corporation LS013B4DN02 Datasheet HTML 6Page - Sharp Corporation LS013B4DN02 Datasheet HTML 7Page - Sharp Corporation LS013B4DN02 Datasheet HTML 8Page - Sharp Corporation LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
1
NOTICE
<<Precautions>>
○ These specification sheets are the proprietary product of SHARP CORPORATION ("SHARP") and include materials
protected under copyright of SHARP. Do not reproduce or cause any third party to reproduce them in any form or by
any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of
SHARP.
○ The application examples in these specification sheets are provided to explain the representative applications of the
device and are not intended to guarantee any industrial property right or other rights or license you to use them.
SHARP assumes no responsibility for any problems related to any industrial property right of a third party resulting from
the use of the device.
○ SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structures and other
contents described herein at any time without notice in order to improve design or reliability. Contact SHARP in order
to obtain the latest specification sheets before using any SHARP's device. Manufacturing locations are also subject to
change without notice.
Observe the following points when in using any device in this publication. SHARP takes no responsibility
for damage caused by improper use of the devices.
The devices in this publication are designed for use in general electronic equipment designs, such as:
・
Personal computers
・
Office automation
・
Telecommunication equipment
・
Test and measurement equipment
・
Industrial control
・
Audio visual and multimedia equipment
・
Consumer electronics
The appropriate design measures should be taken to ensure reliability and safety when SHARP's devices are
used for equipment such as:
・
Transportation control and safety equipment(i.e.,aircraft,trains,automobiles,etc.)
・
Traffic signals
・
Gas leakage sensor breakers
・
Alarm equipment
・
Various safety devices etc.
○ SHARP's devices shall not be used for equipment that requires extremely high level of reliability, such as:
・
Military and space applications
・
Nuclear power control equipment
・
Medical equipment for life support
○ SHARP assumes no responsibility for any damage resulting from the use of the device which does not comply with
the instructions and the precautions specified in these specification sheets.
○ Contact and consult with a SHARP sales representative for any questions about this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com