Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 25 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 25 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 21Page - Sharp Corporation LS013B4DN02 Datasheet HTML 22Page - Sharp Corporation LS013B4DN02 Datasheet HTML 23Page - Sharp Corporation LS013B4DN02 Datasheet HTML 24Page - Sharp Corporation LS013B4DN02 Datasheet HTML 25Page - Sharp Corporation LS013B4DN02 Datasheet HTML 26Page - Sharp Corporation LS013B4DN02 Datasheet HTML 27Page - Sharp Corporation LS013B4DN02 Datasheet HTML 28Page - Sharp Corporation LS013B4DN02 Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
24
9. External capacitors
Fig. 9-1 External capacitor recommendation capacity value
<
Recommended capacity value>
C1:DISP- VSS: rank B
0.1uF Ceramic capacitor
C2:VDDA- VSS: rank B 1uF Ceramic capacitor
C3:VDD- VSS: rank B
1uF Ceramic capacitor
※
Above circuit and parts are only recommendation.
For actual use, please evaluate their conformity with your system and design.
(Capacitor pressure resistance can be larger than resistance indicated above.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com