Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 24 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 24 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 20Page - Sharp Corporation LS013B4DN02 Datasheet HTML 21Page - Sharp Corporation LS013B4DN02 Datasheet HTML 22Page - Sharp Corporation LS013B4DN02 Datasheet HTML 23Page - Sharp Corporation LS013B4DN02 Datasheet HTML 24Page - Sharp Corporation LS013B4DN02 Datasheet HTML 25Page - Sharp Corporation LS013B4DN02 Datasheet HTML 26Page - Sharp Corporation LS013B4DN02 Datasheet HTML 27Page - Sharp Corporation LS013B4DN02 Datasheet HTML 28Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
23
8. Module outline
8-1) Outline dimention of the 1.3” (96×96) panel with FPC type
fig.8-1
fig. 8-2
<
Recommended Connector>
SMK (Bottom Contact) FP12 Series: CFP-4610-0150F
8-2) FPC Bend Specification
When bending FPC, bend where specified in Condition (1) and the bend R should be more than R specified in Condition
(2). FPC is not to contact glass edge, and there should be no stress to connective area between panel and FPC.
Condition (1) FPC bend recommended area: 0.8mm – 6.0mm from glass edge.
Condition (2) Minimum bend R: Inner diameter R0.45
Fig.8-3
【
Remark 8-1】 Do not bend backward (toward UV protection film side)
【
Remark 8-2】 Bend frequency: 3 times or less (Repeat bend condition: 180°∼ 0°)
<
Recommended Connector of 180 degree bent FPC>
SMK (Contact side: upper side ) FP-12 series : CFP-4510-0150F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com