Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 3 Page - Sharp Corporation

  LS013B4DN02 Datasheet HTML 1Page - Sharp Corporation LS013B4DN02 Datasheet HTML 2Page - Sharp Corporation LS013B4DN02 Datasheet HTML 3Page - Sharp Corporation LS013B4DN02 Datasheet HTML 4Page - Sharp Corporation LS013B4DN02 Datasheet HTML 5Page - Sharp Corporation LS013B4DN02 Datasheet HTML 6Page - Sharp Corporation LS013B4DN02 Datasheet HTML 7Page - Sharp Corporation LS013B4DN02 Datasheet HTML 8Page - Sharp Corporation LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
2
[For handling and system design]
(1) Handle with care as glass is used in this LCD panel. Dropping or contact against hard object may cause cracks or
chips.
(2) Do not scratch the surface of the UV protection film as it is easily damaged.
(3) Water droplets on the UV protection film must be wiped off immediately as they may cause color changes, or other
defects if remained for a long time.
(4) To clean LCD panel surface, wipe clean with absorbent cotton or soft cloth. If further cleaning is needed, use IPA
(isopropyl alcohol) and wipe clean lightly on surface only. Do not use organic solvents as it may damage the LCD
panel terminal area which uses organic material. Also, do not directly touch with finger.
(5) To avoid circuit failure, do not touch panel terminal area.
(6) Do not expose gate driver, etc. on the panel (circuit area outside panel display area) to light as it may not operate
properly. Design that shields gate driver, etc. from light is required when mounting the LCD module.
(7) Support for the LCD panel should be carefully designed to avoid stress that exceeds specification on glass surface.
(8) Panel is susceptible to mechanical stress and such stress may affect the display. Place the panel on flat surface
to avoid stress caused by twist, bend, etc..
(9) When transporting LCD panels, secure them in LCD panel tray to avoid mechanical stress. The tray should be
conductive to protect LCD panels from static charge.
Material used in set or epoxy resin (amine type hardening agent) from packaging, and silicon adhesive
(dealcoholized or oxime) all release gas which may affect quality of UV protection film. Do confirm compatibility with
user materials.
(10) Do not use chloroprene rubber as it generates chlorine gas and affects reliability in LCD panel connective area.
(11) This LCD module is sensitive to electrostatic discharge of 200V or more. Handle with care using cautions for
the followings:
Operators
Operators must wear anti-static wears to prevent electrostatic charge up to and discharge from human
body.
Equipment and containers
Process equipment such as conveyer, soldering iron, working bench and containers may possibly generate
electrostatic charge up and discharge. Equipment must be grounded through 100Mohms resistance. Use
ion blower.
Floor
Floor plays an important role in leaking static electricity generated in human body or equipment. If the floor
is made of insulated material (such as polymer or rubber material), such static electricity may charge.
Proper measure should be taken to avoid static electricity charge (electrostatic earth: 100Mohms).There is
a possibility that the static electricity is charged to them without leakage in case of insulating floor, so the
electrostatic earth:1×10
8Ω should be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com