Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 4 Page - Sharp Corporation

  LS013B4DN02 Datasheet HTML 1Page - Sharp Corporation LS013B4DN02 Datasheet HTML 2Page - Sharp Corporation LS013B4DN02 Datasheet HTML 3Page - Sharp Corporation LS013B4DN02 Datasheet HTML 4Page - Sharp Corporation LS013B4DN02 Datasheet HTML 5Page - Sharp Corporation LS013B4DN02 Datasheet HTML 6Page - Sharp Corporation LS013B4DN02 Datasheet HTML 7Page - Sharp Corporation LS013B4DN02 Datasheet HTML 8Page - Sharp Corporation LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
3
Humidity
Humidity in work area relates to surface resistance of the persons or objects that generate
electrostatics, and it can be manipulated to prevent electrostatic charge. Humidity of 40% or
lower increases electrostatic earth resistance and promotes electrostatic charging. Therefore,
the humidity in the work area should be kept above 40%. Specifically for film peeling process
or processes that require human hands, humidity should be kept above 50% and use electricity
removal blower.
Transportation/Storage
Containers and styroform used in transporation and storage may charge electrostatic (from friction and
peeling) or electrostatic charge from human body, etc. may cause containers and styroform to have induced
charge. Proper electrostatic measure should be taken for containers and storage material.
(12) Protective film is attached to the surface of UV protection film on LCD panel to prevent scratches or other
damages. Remove this protective film before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com