Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN02 Datasheet(PDF) 29 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 29 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 21Page - Sharp Corporation LS013B4DN02 Datasheet HTML 22Page - Sharp Corporation LS013B4DN02 Datasheet HTML 23Page - Sharp Corporation LS013B4DN02 Datasheet HTML 24Page - Sharp Corporation LS013B4DN02 Datasheet HTML 25Page - Sharp Corporation LS013B4DN02 Datasheet HTML 26Page - Sharp Corporation LS013B4DN02 Datasheet HTML 27Page - Sharp Corporation LS013B4DN02 Datasheet HTML 28Page - Sharp Corporation LS013B4DN02 Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
28
12. Reliability Test Conditions
12-1) Reliability test items
Table12-1
Test Item
Test condition
Remark
1
High temperature storage test
Ta=80degrees Celsius
240h
2
Low temperature storage test
Ta=35degrees Celsius
240h
3
High temperature and high humidity
operating test
Tp=40degrees Celsius/95%RH
240h
4
High temperature operating test
Tp=70degrees Celsius
240h
5
Low temperature operating test
Tp=-20degrees Celsius
240h
6
Shock test
(Non operating test)
Ta=-30degrees Celsius (1h)∼+80 degrees
Celsius (1h) / 5 cycle
7
Electro static discharge test
±200V、200pF(0Ω) each terminai: 1 time
[Remark] Ta = Ambient temperature, Tp = Panel temperature
(Evaluation method)
In the standard condition, there shall be no practical problems that may affect the display function.
12-2) Panel surface stress spesification
Panel surface stress spesification has been defined as a parameter “Force of stress [N]” without no picture failer.
Load testing: Minimum 120[N]
Test condition )
Test stracture
:
LCD panel with UV protection film
Press point
:
Center of LCD panel
Press Jig
:
φ10mm column
Press speed
:
1mm/minute
Support
:
fixed on stage
Press time
:
5 seconds after achivement of the press strength,then reless it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com