Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 29 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 29 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 25Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 26Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 27Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 28Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 29Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 30Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 31Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 32Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 33Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
26
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
3.2
Specifications
3.2.1 Electrical
Supply voltage
120 VAC, 50/60 Hz (+10/-15%)
240 VAC, 50/60 Hz (+10/-15%)
24 VDC (±10%)
Power consumption
15 VA nominal
Humidity
99% non-condensing (electronics)
Electrostatic discharge protection
Per IEC specification 801-2
Response time
70 ms to approximately 2 seconds, depending upon probe
capacitance and averaging value
Ambient temperature
-40° F to +160° F (-40° to +70° C)
Temperature coefficient of set point
±0.01%/degree F (±0.018%/degree C)
Maximum remote mount distance
Standard
2500 feet (760 m)
Intrinsically safe
800 feet (240 m)
Data
Entry
3-button keypad
Indication
4-digit LED, 1 overflow LED for +10,000
Relays 2 to 4 DPDT
AC
10 amp @ 120/240 VAC resistive
DC
10 amp @ 30 VDC resistive, 0.5 amp @ 125 VDC resistive
Set point range
0–50,000 pF
Differential range
0.50 pF minimum / 50,000 pF maximum
Time delay
0–90 seconds level rising, falling, both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com