Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 2Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 3Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 4Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 5Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 6Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
3
1.4
Mounting
The Model 822, 832 or 842 switch can be mounted to
a tank using a variety of process connections. Generally,
either a threaded or flanged connection is used. For infor-
mation about the sizes and types of connections available,
see Probe Brochure 50-125.
Make sure all mounting connections are properly in place
on the tank before installing the probe. Make sure the
Kotron probe is correct for the intended installation.
It is common practice to use the metal tank wall as the
reference electrode. In such cases, it is required that the
probe housing makes a good electrical connection to the
tank wall. If there is any doubt about this connection or
to the use of PTFE thread tape gaskets, paint, rust, or any
other reason, a separate strap should be installed between
the probe housing and the tank.
Caution: This unit contains CMOS electronics which may be
damaged by static electricity. Do not touch any semi-
conductor devices unless you are properly grounded.
Caution: When a probe is used in an abrasive medium, inspect the
probe periodically for visible surface wear. If damage to
the probe insulation is found, replace the probe.
Metal Walled Tanks
On water-based liquids, there should be no problem with
sensitivity or linearity. With non-conductive, low dielectric
media, sensitivity can be enhanced by locating the probe
close to and parallel with the tank wall. If this is not prac-
tical, a ground reference probe may be the solution.
Non-Metallic and Glass-Lined Tanks
With plastic, concrete, wood, or any other non-conductive
walled vessels a ground reference is required. Most com-
monly, this electrode will be in the form of a concentric
ground tube (i.e., stilling well). In questionable circum-
stances, consult the factory. In all cases, a good electrical
connection must be made between the ground surface and
the probe housing.
Switch/Probe Assembly
Switches with probes up to and including 12 inches
(300 mm) in length are shipped pre-assembled. All other
switches are shipped unassembled to avoid damage during
transit. These transmitters must be assembled prior to
mounting. Choose your particular configuration from the
following sections and follow the instructions carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com