Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 16Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 17Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 18Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 19Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 20Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 21Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 22Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 23Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
RUN
REVW
PRLO
PRHI
XXXX
XXXX
CAL
PRLO
PRHI
XXXX
XXXX
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
2.4.2 Program Path 3 — Probe Calibration
NOTES:
1. The media level must be moved to accomplish this procedure.
The PRLO and PRHI points may be entered in any order; they
can easily be changed in the future when the process level is
at a much higher or lower point.
2. The unit will automatically time out and revert to the RUN mode
after 60 seconds without a keystroke; any information already
entered remains in memory. To enter any remaining data, sim-
ply re-enter the Probe Calibration section.
3. A minimum level change of 2% or 5pF, whichever is greater, of
tank height will yield a valid calibration. However, a greater
level change yields better accuracy.
STEP 1: REVW (Review)
This menu allows the review of any previously stored
PRLO/PRHI points. If this is the first time calibration is
performed, proceed to Step 2.
1. To enter this menu from the RUN mode, press the
UP
and DOWN
arrow keys simultaneously.
(
) The display will read REVW (review).
2. Press ENT
to display PRLO (probe low).
3. Press ENT
to display the previously stored
PRLO point.
4. Press ENT
to display PRHI.
5. Press ENT
to display the previously stored
PRHI point.
6. Press ENT
to display PRLO.
7. Press the DOWN
arrow to return to the main path.
The display will read CAL.
NOTE: If re-entering new PRLO/PRHI points for better accuracy, be
sure that the new PRLO point is lower than the existing
PRLO point and the new PRHI point is higher than the existing
PRHI point.
STEP 2: CAL (Calibrate)
This menu allows the calibration of the Probe.
Caution: This is the most critical section of the calibration proce-
dure. Before pressing ENT
to enter data into the PRLO
or PRHI areas, be sure it is the proper area needed at that
point. If an improper area is entered, pressing all three but-
tons simultaneously will return you to the RUN mode.
1. To enter this menu, press ENT
. The display will
read PRLO (probe low).
ENT
ENT
ENT
ENT
ENT
ENT
ENT
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com