Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 6Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 10Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 11Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 12Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 13Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
7
1.6
Installing a Remote Unit
NOTE: Units with remote electronics are provided with the Main
Amplifier and a preamplifier. Probe connections are made to
the preamplifier. Refer to Section 1.5, Probe Installation for
details in installing the probe.
1.6.1 Main Amplifier
Remote amplifier assemblies are normally shipped from
the factory assembled into an “L” mounting bracket.
Install bracket in a location that will isolate the unit from
temperatures below -40° F (-40° C) and over +160° F
(+70° C) or vibration/mechanical damage. Unit can be
mounted up to 2500 feet (760 m) from probe assembly.
Intrinsically safe models can be mounted up to 800 feet
(240 m) from probe assembly. Location should also offer
easy access for wiring, calibration, and maintenance.
1.6.2 Preamplifier
1. Screw the preamplifier housing onto the probe until hand
tight. Housing can be wrench tightened to align conduit
connection with conduit.
2. Attach white wire from the probe to the connection on the
preamplifier – see Figure 11.
3. If using a guarded probe, attach the red wire from the
probe to the connection on preamplifier – see Figure 12.
1.6.3 Remote Wiring Connections
To connect preamplifier-to-amplifier, use shielded,
twisted pair, 22-gauge stranded connectors (part number
09-7146-001).
1. Strip approximately 0.4 inch (10 mm) of outer jacket insu-
lation from each end of the shielded, twisted-pair.
2. At the probe preamplifier end, cut the bare shield wire of
the cable close to the insulating jacket.
3. Connect the red lead to the positive (+) terminal on the
amplifier. Refer to Figure 11 or 12.
4. Connect the black lead to the negative (–) terminal on the
preamplifier board.
5. Connect the red lead to positive (+) terminal on the amplifier.
6. Connect black lead to the negative (–) terminal on the
amplifier.
7. Connect the shield to the ground (
) terminal on the
amplifier.
– (Black)
ENT
3871
Top View
Preamplifier
Side View
Preamplifier
U4
U5
U2
Q3
Q4
Q1
G
P
+ (Red)
Shield
Guard
(red)
Probe
(white)
+ (Red)
Shield cut
back and
taped
Guard
(red)
Probe
(white)
Side View
Main Amplifier
– (Black)
Figure 12
Remote Electronics
with Guarded Probe
– (Black)
ENT
3871
Top View
Preamplifier
Side V
Preamp
– (Black)
+ (Red)
Shield
Probe
(white
+ (Red)
Shield cut
back and
taped
Side View
Main Amplifier
Probe
(white)
U4
U5
U2
Q3
Q4
Q1
G
P
Figure 11
Remote Electronics with
Standard Rigid or Flexible Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com