Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 12Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 13Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 14Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 15Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 16Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 17Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 18Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 19Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 20Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
RUN
LEVL
DRY
COND
NONC
INS
BARE
MDIA
PRBE
TDLO
WET
ENT
ENT
ENT
ENT
ENT
ENT
ENT
STEP 1
STEP 2
STEP 3
STEP 4
2.3.2 Program Path 2 — Single Point
The single point program is for single point, alarm only
applications and allows for proper calibration without level
change. The following procedures must be followed if
SING (single point) has been selected in Program Path 1
CNFG (configuration). When in need of an adjustable set
point (vertical probe only), use MULT (multi-point).
From the RUN display, press ENT
.
STEP 1: LEVL (Level)
1. From the RUN mode, press the ENT
key to enter this
menu. The display will read LEVL. LEVL refers to the
condition of the probe DRY (not covered with media) or
WET (covered with media).
2. Press ENT
to display DRY.
3. Using the UP
and DOWN
arrow keys, toggle
between DRY and WET until the display reads the current
condition of the probe.
4. Press ENT
to store this value. The display will read
MDIA.
STEP 2: MDIA (Media)
1. MDIA (media) refers to the conductance n(dielectric) of
the process media. Press ENT
to display NONC
(non-conductive).
2. Using the UP
and DOWN
arrow keys, toggle
between NONC (non-conductive) and COND (conductive)
until the display reads the appropriate condition of
the media.
3. Press ENT
to store this value. The display reads PRBE.
NOTES:
1. This procedure sets the sensitivity appropriate for the applica-
tion: NONC = 0.5 pF COND = 10 pF.
2. If the conductance of the medium is unknown, choose NONC
(non-conductive) for greatest sensitivity.
3. When calibrating for media in non-metallic (ungrounded) ves-
sels, choose NONC (non-conductive). This will establish the
highest sensitivity (0.5 pF).
STEP 3: PRBE (Probe)
1. PRBE (probe) selects either an insulated or bare probe.
When PRBE is displayed, press ENT
to display BARE.
2. If this is the type of probe in use, press ENT
.
Step 4, TDLO will be displayed.
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com