Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 13Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 14Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 15Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 16Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 17Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 18Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 19Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 20Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 21Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
14
3. If not, using the UP
and DOWN
arrow keys, toggle
between the INS (insulated) and the BARE (bare) probe
selections.
4. When the appropriate selection is displayed, press ENT
to store the value and to display TDLO.
NOTE: Choice of MDIA/COND and PRBE/BARE disarms the shorted
probe diagnostic check.
STEP 4: TDLO (Time Delay Low)
1. TDLO (time delay low) selects the desired setting of time
delay on falling level. When TDLO is displayed, press
ENT
to display current value.
2. Using the UP
or DOWN
push-buttons, scroll up or
down to achieve the desired numeric value of the time
delay low. Time delay is adjustable between 0 and 90
seconds (one second is recommended).
3. When the appropriate value is displayed, press ENT
to
store the value and to display TDHI.
STEP 5: TDHI (Time Delay High)
1. TDHI (time delay high) selects the desired setting of time
delay on rising level. When TDHI is displayed, press
ENT
to display current value.
2. Using the UP
or DOWN
arrow keys, scroll up or
down to achieve the desired numeric value of the time
delay high. Time delay is adjustable between 0 and 90
seconds (one second is recommended).
3. When the appropriate value is displayed, press ENT
to
store the value and to display FLSF.
STEP 6: FLSF (Fail-safe)
1. FLSF (fail-safe) selects either a low level or high level
fail-safe condition (relay is energized when not in alarm
and de-energized when alarmed). When FLSF is dis-
played, press ENT
to display LLFS.
2. If this is the desired condition, press ENT
and FALT
will be displayed.
3. If HLFS is desired, use the UP
or DOWN
arrow keys to toggle between the selections.
4. When the appropriate selection is displayed, press ENT
to store the value and display FALT.
ENT
ENT
ENT
ENT
ENT
ENT
ENT
ENT
XXXX
XXXX
TDLO
TDHI
HLFS
LLFS
FLSF
FALT
ENT
ENT
ENT
ENT
ENT
ENT
STEP 4
STEP 5
STEP 6
STEP 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com