Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 3Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 4Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 5Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 6Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 10Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
4
1.4.1 Horizontal Mounting
Alarm (narrow differential) applications only
Horizontally mounted probes provide a high degree of sen-
sitivity for use with non-conductive liquids as only approx-
imately 0.5 inches (12 mm) of level change is required to
completely cover (or uncover) the probe.
Horizontally mounted probes should be installed so that
the probe is parallel to and at the level at which the
control point is desired. Refer to Figure 1.
Avoid any installation method in which the material may
become trapped in the mounting nozzle, thus preventing
the probe from signaling when the level recedes. Refer to
Figures 2 and 3.
NOTE: If nozzle mounting is unavoidable, the probe must be installed
with an inactive metal sheath having a length of at least 1 inch
(25 mm) greater than length of the nozzle. A sheath is required
to render the length of the probe within nozzle insensitive to
capacitance change. Refer to Figure 2.
Guarded Probe
Unit will signal at probe level. Refer to Figures 4 and 5.
NOTE: The guard element must be located outside of the nozzle.
Do not horizontally mount the unit in a nozzle deeper than
3 inches (75 mm). Refer to Figure 5. The medium may buildup
in the nozzle and cause false activation.
Alternate Horizontal Mounting
On applications involving viscous liquids or materials
which tend to cling or buildup, horizontally mounted
probes should be installed at a slight downward angle to
allow material to drain from probe rod. With this type of
installation, the packing gland face of probe assembly
should extend into the tank (or vessel). Refer to Figure 6.
1.4.2 Vertical Mounting
Vertically mounted probes provide the capability to adjust
the control point up or down a section of probe rod by
means of calibration adjustments within the unit.
Vertically mounted probes should be installed so that the
end of the probe rod is at least 2 inches (50 mm) below
the lowest desired level control point with conductive
materials or 4 inches (100 mm) below the lowest desired
level control point with non-conductive materials. Refer to
Figure 7 on page 5.
Figure 1
Recommended Horizontal Mounting
Figure 2
Recommended Mounting with Nozzle
Figure 3
Not recommended
Figure 4
Recommended Horizontal Mounting
Figure 5
Recommended Horizontal Mounting
Figure 6
Alternate Horizontal Mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com