Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  822-1002-C01 Datasheet HTML 1Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 2Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 3Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 4Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 5Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 6Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
2
1.3
Before You Begin
1.3.1 Site Preparation
Each Kotron Model 822, 832 and 842 switch is built to
match the specific physical specifications of the required
installation. Make sure the probe connection is correct for
the threaded or flanged mounting on the vessel or tank
where the switch will be placed. See Section 1.4, Mounting.
Make sure that the wiring between the power supply and
the Model 822, 832 or 842 switch is complete and
correct for the type of installation. See Section 3.2,
Specifications.
When installing the Model 822, 832 or 842 switch in a
general purpose or hazardous area, all local, state, and
federal regulations and guidelines must be observed. See
Section 1.7, Wiring.
1.3.2 Equipment and Tools
No special equipment or tools are required to install
the Model 822, 832 or 842 switch. The following items
are recommended:
•11⁄8" open-end wrench or adjustable wrench to fit the
probe process connection size and type.
• Flat-blade screwdriver
1.3.3 Operational Considerations
The Model 822, 832 or 842 switch should be located for
easy access for service, configuration, and monitoring.
There should be sufficient headroom to allow the probe
to be inserted into the tank. Special precautions should
be made to prevent exposure to corrosive atmosphere,
excessive vibration, shock, or physical damage.
The electronics should not be exposed to ambient temper-
atures above +160° F (+70° C) or below -40° F (-40° C).
The proper operating temperature range for the display is
-4° F (-20° C) to +160° F (+70° C). The temperature
limits for the probe depend on the style and part number
of the specific probe used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com