Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

822-1002-C01 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 10Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 11Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 12Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 13Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 14Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
8
1.7
Wiring
Figure 13
F2
NC
NO
C
8
1
NC
NC
NO
NO
C
C
NC
NO
C
R4
R3
D3
D2
D4
D5
R1
R2
R7
R6
R5
WARNING! Explosion hazard. Do not disconnect equipment unless
power has been switched off or the area is known to
be safe.
1.7.1 Relay Wiring
The recommended connection of power and control
circuits is 16 AWG or 18 AWG stranded wire.
To improve external noise immunity, electrical snubbers
are provided on the relay contacts. These are factory
installed between the common (C) and the normally open
(NO) contacts. The position of the snubbers should be
changed between the C and NC contacts if the normally
closed (NC) contacts are used.
NOTE: If the snubbers are not wired properly in parallel with the relay
contacts, external electrical noise may disturb the operation of
the instrument.
Refer to Section 1.7.3, Relay Wiring Chart for different
relay wiring options. Refer to Figure 13 for terminal
locations.
NOTES:
1. Relay 2 and relay 3 can be utilized for lead-lag pump sequenc-
ing (models 832 and 842 only).
2. Relay 1 can be utilized as a dedicated diagnostic alarm.
Refer to Calibration sections (pages 10–23) for proper use
of these relays.
1.7.2 Power Wiring
1. Ensure that power source is turned off.
2. Pull power supply wires through conduit connection.
3. Connect the positive supply wire to the H terminal, and
the negative (neutral) supply wire to the N terminal.
Connect the ground wire to the green ground screw in the
bottom of the housing.
4. Dress the wires together neatly and secure with cable ties.
Be certain that adequate clearance exists for replacement of
housing cover
NOTE: Observe all applicable electrical codes and proper wiring
procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com