Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  961 Datasheet HTML 1Page - Magnetrol International, Inc. 961 Datasheet HTML 2Page - Magnetrol International, Inc. 961 Datasheet HTML 3Page - Magnetrol International, Inc. 961 Datasheet HTML 4Page - Magnetrol International, Inc. 961 Datasheet HTML 5Page - Magnetrol International, Inc. 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
51-650 Echotel SIL Safety Manual
1.0
Introduction
1.1
Product Description
Echotel Model 961 and 962 ultrasonic level switches
utilize pulsed signal technology to detect high, low, or dual
point level in a broad range of liquid media applications.
Model 961 is a single point level switch. Model 962 is a
dual point switch used as a level controller or to control
pumps in an auto-fill or auto-empty mode.
Both Model 961 and 962 switches are suitable for use in
Safety Integrity Level (SIL) 2 loops.
1.2
Theory of Operation
Model 961/962 switches utilize ultrasonic energy to detect
the presence or absence of liquid in a single or dual point
transducer. Ultrasonic contact level technology uses high-
frequency sound waves that are easily transmitted across a
transducer gap (see Figure 1) in the presence of a liquid
media, but are attenuated when the gap is dry. Mode 961/962
switches use an ultrasonic frequency of 2 MHz to perform
this liquid level measurement in a wide variety of process
media and application conditions.
The transducer uses a pair of piezoelectric crystals that are
encapsulated in epoxy at the tip of the transducer. The crys-
tals are made of a ceramic material that vibrates at a given
frequency when subjected to an applied voltage. The trans-
mit crystal converts the applied voltage from the electronics
into an ultrasonic signal. When liquid is present in the gap,
the receive crystal senses the ultrasonic signal from the
transmit crystal and converts it back to an electrical signal.
This signal is sent to the electronics to indicate the presence
of liquid in the transducer gap. When there is no liquid
present, the ultrasonic signal is attenuated and is not detected
by the receive crystal.
Ultrasonic
transducer
Transmit
crystal
Receive
crystal
Figure 1
Ultrasonic Signal Transmission
Across Transducer Gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com