Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 4Page - Magnetrol International, Inc. 961 Datasheet HTML 5Page - Magnetrol International, Inc. 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
51-650 Echotel SIL Safety Manual
5.5.1 Hygienic-Specific Installation
The hygienic version of the Model 961 is available with a
deep-drawn 304 stainless steel housing. A variety of hygienic
process connections are offered for use in food and beverage,
pharmaceutical, and biotechnology applications. These
hygienic transducers have 3-A (Authorization #596), EHEDG
certification (per TNO Report # V4772/01) and a 20 Ra
finish providing a uniform and ultra-smooth surface that
inhibits microbial growth. Electron beam welding technology
is utilized to facilitate a crevice-free surface inside the trans-
ducer tip. This allows these transducers to be used in a wide
variety of hygienic applications where CIP (clean-in-place) is
used to remove any contamination from the transducer surface.
5.5.2 Pump-Specific Installation
A DIP switch on the Model 962 allows it to be configured
to control level, or to function as a pump controller. In the
pump control mode the unit can perform auto-fill or auto-
empty of tanks, sumps, or wet wells. The tip sensitive lower
gap allows liquid levels to be pumped down to within 1⁄4"
from the bottom of the vessel. The rigidity of the flow
through upper gap allows the Model 962 to be used even
when sumps experience severe turbulence from vessel fill lines.
5.6
Configuration
Refer to Section 2.5 in the Echotel Model 961/962
Ultrasonic Single and Dual Point Level Switches Installation
and Operating Manual (Bulletin 51.646) for complete
configuration instructions.
5.6.1 Time-Delay Potentiometer
The time-delay potentiometer is used in applications where
turbulence or splashing may cause false level alarm. The
response time can be adjusted from factory-set standard of
0.5 seconds to a maximum of 45 seconds. The time-delay
potentiometer is an option for both Model 961 and Model 962
in either line-powered or loop-power configuration.
5.6.2 Level Test Push Button
The level test push button is used to manually test the
DPDT process level relay and whatever is connected to the
relay. Pressing this push button reverses the state of the
DPDT relay from engaged to de-engaged, or vise-versa.
The level test push button is an option for both Model 961
and Model 962 in line-powered configuration only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com