Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 12 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 12 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. 961 Datasheet HTML 14Page - Magnetrol International, Inc. 961 Datasheet HTML 15Page - Magnetrol International, Inc. 961 Datasheet HTML 16Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
51-650 Echotel SIL Safety Manual
6.0
Appendices
6.1
SIL Declaration of Conformity
Functional safety according to IEC 61508.
Magnetrol International, Incorporated 5300 Belmont Road,
Downers Grove, Illinois 60515 declares as the manufacturer,
that the level switches:
Echotel Model 961/962 Ultrasonic Single and
Dual Point Level Switches
are suitable for use in safety instrumented systems according
to IEC 61508, if the safety instructions and following
parameters are observed:
FIT = Failure in Time (1
×10-9 failures per hour)
Product
Model 961
Loop-Powered
Model 961 AC/DC
Line-Powered
Model 962
Loop-Powered
Model 961 AC/DC
Line-Powered
SIL
2
2
2
2
Proof Test Interval
1 Year
1 Year
1 Year
1 Year
SFF
91.4%
92.0%
91.8%
91.5%
PFDavg Œ
1.61E-04
1.77E-04
1.87E-04
2.31E-04
λ
sd
0 FIT
0 FIT
0 FIT
0 FIT
λ
su
96 FIT
106 FIT
110 FIT
130 FIT
λ
dd
288 FIT
351 FIT
362 FIT
427 FIT
λ
du
36 FIT
40 FIT
42 FIT
52 FIT
Magnetrol International, Incorporated
5300 Belmont Road
Downers Grove, Illinois 60515
Name
Name
Title
Title
Date
Date
Œ
As determined in compliance with ANSI/ISA-84.01 clause 9.2.3 for 1oo1 system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com