Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  961 Datasheet HTML 1Page - Magnetrol International, Inc. 961 Datasheet HTML 2Page - Magnetrol International, Inc. 961 Datasheet HTML 3Page - Magnetrol International, Inc. 961 Datasheet HTML 4Page - Magnetrol International, Inc. 961 Datasheet HTML 5Page - Magnetrol International, Inc. 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
51-650 Echotel SIL Safety Manual
1.2.1 Transducer Design
Magnetrol’s advanced transducer design performs in difficult
process conditions. Model 961 has a tip-sensitive transducer
with an arched gap increasing its performance in aerated or
foamy liquids. Model 962 has a tip-sensitive lower gap and
flow-through upper gap permitting separations of 125 inches
(318 cm).
1.2.2 Transducer Materials
A broad selection of transducer materials is available for the
Model 961/962. Metallic transducers include 316 SS,
Hastelloy® C, and Monel®. The 316 SS transducer has a
NACE construction option for sour gas service, and can
also be built per ASME B31.1 and B31.3 piping codes.
Thermoplastic transducers include Kynar® and CPVC.
These corrosion resistant plastic transducers feature a stiff-
ening tube that runs the length of the transducer for extra
rigidity. Kynar-faced 316 SS flange options are offered with
the Kynar transducers.
1.3
Determining Safety Integrity Level (SIL)
Tables 1 and 2 define the criteria for the achievable SIL
against the target mode of operation in Demand Mode
Operation.
Table 1 shows the relationship between the SIL and the
Probability of Failure on Demand Average (PFDavg).
Table 2 can be used to determine the achievable SIL as a
function of the Hardware Fault Tolerance (HFT) and the
Safe Failure Fraction (SFF) for the complete safety system
(Type B– complex components as per IEC 61508 Part 2) of
which the level transmitter is one component.
Table 2
Minimum Hardware Fault Tolerance
SFF
Hardware Fault
Tolerance (HFT)
0
1
2
None: <60%
Not
Allowed
SIL 1
SIL 2
Low:
60% to <90%
SIL 1
SIL 2
SIL 3
Medium: 90% to <99%
SIL 2
SIL 3
High:
≥99%
SIL 3
Table 1
SIL vs. PFDavg
Safety
Integrity Level
(SIL)
Target Average
Probability of Failure
on Demand (PFDavg)
4
≥10-5 to <10-4
3
≥10-4 to <10-3
2
≥10-3 to <10-2
1
≥10-2 to <10-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com