Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 15 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 15 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. 961 Datasheet HTML 14Page - Magnetrol International, Inc. 961 Datasheet HTML 15Page - Magnetrol International, Inc. 961 Datasheet HTML 16Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6.3
Report - Lifetime of Critical Components
According to Section 7.4 of IEC 61508-2, a useful lifetime,
based on experience, should be assumed.
Although a constant failure rate is assumed by the proba-
bilistic estimation method, this only applies provided that
the useful lifetime of components is not exceeded. Beyond
their useful lifetime, the result of the probabilistic calcula-
tion method is therefore meaningless, as the probability of
failure significantly increases with time. The useful lifetime
is highly dependent on the subsystem itself and its operating
conditions.
This assumption of a constant failure rate is based on the
bathtub curve. Therefore it is obvious that the PFDavg
calculation is only valid for components that have this
constant domain and that the validity of the calculation is
limited to the useful lifetime of each component.
As there are no electrolytic capacitors used, there are no
electrical components that limit the useful lifetime of
the system.
Based on general field failure data, a useful life period of
approximately 50 years is expected for the Echotel Model
961/962 Ultrasonic Level Switches.
When plant experience indicates a shorter useful lifetime
than indicated, the number based on plant experience
should be used.
15
51-650 Echotel SIL Safety Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com