Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. 961 Datasheet HTML 14Page - Magnetrol International, Inc. 961 Datasheet HTML 15Page - Magnetrol International, Inc. 961 Datasheet HTML 16Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
6.2.3 Model 962 Loop-powered
Ultrasonic Level Switches
The Model 962 ultrasonic level switch is a complex device
classified as Type B according to IEC61508, having a hardware
fault tolerance of 0. This 24 VDC loop-powered unit
contains self diagnostics programmed to output either 3.6 mA
or 22 mA during a failure state. Additionally, any output
that exceeds the nominal values of 8 mA and 16 mA by a
tolerance of ±1.6 mA must be detected as a fault by the
logic solver. The FMEDA analysis assumes the diagnostic
signal is being transmitted to a logic solver programmed to
detect over-scale and under-scale currents.
Model 962 failure rates are shown in Table 8.
A more complete listing of failure rates is provided in Table 1,
of the FMEDA for the 962 Loop-powered Switch.
6.2.4 Model 962 AC/DC Ultrasonic Level Switch
with Relay Output
The Model 962 ultrasonic level switch is a complex device
classified as Type B according to IEC61508, having a hardware
fault tolerance of 0. The Model 962 ultrasonic level switch
is an 18–32 VDC or 102–265 VAC power device that pro-
vides relay outputs. The Model 962 has only one output
failure state (fail-safe) with the relay de-energized.
The Model 962 failure rates are shown in Table 9.
A complete listing of failure rates is provided in Table 1 of
the FMEDA for the 962 Line-Powered Switch.
14
51-650 Echotel SIL Safety Manual
Failure Category
λsd
λsu
λdd
λdu
SFF
Model 961
0 FIT
110 FIT
362 FIT
42 FIT
91.8%
Table 8
Model 962 IEC 61508 Format Failure Rates
Failure Category
λsd
λsu
λdd
λdu
SFF
Model 961
0 FIT
130 FIT
427 FIT
52 FIT
91.5%
Table 9
Model 962 IEC 61508 Format Failure Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com