Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  961 Datasheet HTML 1Page - Magnetrol International, Inc. 961 Datasheet HTML 2Page - Magnetrol International, Inc. 961 Datasheet HTML 3Page - Magnetrol International, Inc. 961 Datasheet HTML 4Page - Magnetrol International, Inc. 961 Datasheet HTML 5Page - Magnetrol International, Inc. 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultrasonic
Level Switches
SIL Safety Manual for
Echotel Model 961/962
Application
Echotel Model 961/962 ultrasonic level switches utilize
pulsed signal technology to detect high, low, or dual-
point level in a broad range of liquid media applications.
The advanced self-test technology provides reliability
and continuous testing of electronics, transducer, piezo-
electric crystals, and electromagnetic noise.
Benefits
The Echotel Model 961/962 ultrasonic level switches
provide the following benefits:
• Single or dual point liquid level measurement
• Adjustable time-delay for turbulent aerated liquids
• Reliable liquid level measurement independent of
changes in media density, conductivity, or temperature
• Relay output or mA current shift with separate
malfunction indication
• Integral or remote mount electronics
• Pulsed signal technology
• Extensive FM, CSA, and ATEX explosion proof and
intrinsically safe approvals
• Suitable for Safety Integrity Level (SIL) 2 loops
Functional Safety Manual
This manual complements and is intended to be used with
the Magnetrol Echotel Model 961/962 Ultrasonic Single and
Dual Point Level Switches Installation and Operating Manual
(Bulletin 51-646, dated October 2008 or later).
Model 961
Model 962


Similar Part No. - 961

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
961 MAGNETROL-961 Datasheet
1,011Kb / 8P
ECHOTEL짰CONTACTULTRASOUND
logo
WECO ELECTRICAL CONNECT...
961 WECO-961 Datasheet
86Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
logo
Adafruit Industries
961 ADAFRUIT-961 Datasheet
267Kb / 2P
USB 2.0 Powered Hub - 7 Ports with 5V 2A Power Supply
logo
Glenair, Inc.
961-003 GLENAIR-961-003 Datasheet
119Kb / 1P
ultra-flexible power distribution cable with Duralectric™ D Jacket, .062" wall, 3000 VAC
961-003-N-A-2 GLENAIR-961-003-N-A-2 Datasheet
119Kb / 1P
ultra-flexible power distribution cable with Duralectric™ D Jacket, .062" wall, 3000 VAC
More results

Similar Description - 961

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
961-20A0-011 MAGNETROL-961-20A0-011 Datasheet
440Kb / 12P
Echotel짰 Model 961/962 Ultrasonic Level Switches
logo
STMicroelectronics
UM0438 STMICROELECTRONICS-UM0438 Datasheet
427Kb / 50P
This user manual defines a programming model for use with the variable-length encoding
01-Jul-2007
logo
PHOENIX CONTACT
PSR-PC50 PHOENIX-PSR-PC50 Datasheet
531Kb / 14P
SIL 3 coupling relay for safety-related switch on
105818 PHOENIX-105818 Datasheet
531Kb / 14P
SIL 3 coupling relay for safety-related switch on
logo
Schneider Electric
XCSRC10M12 SCHNEIDER-XCSRC10M12 Datasheet
319Kb / 12P
Safety RFID contactless switch - Single model - Unique pairing
Feb 8, 2021
XCSRC11MM12 SCHNEIDER-XCSRC11MM12 Datasheet
288Kb / 11P
Safety RFID contactless switch-Standalone model-EDMManual Start-Unique pairing
Feb 8, 2021
XCSRC31MM12 SCHNEIDER-XCSRC31MM12 Datasheet
287Kb / 11P
RFID Safety switch-Standalone model-EDM Manual Start-2 new re-pairing enabled
Feb 8, 2021
logo
G.M. International
D1053 GMI-D1053 Datasheet
397Kb / 4P
SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
D1054 GMI-D1054 Datasheet
429Kb / 4P
SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S
D1073 GMI-D1073 Datasheet
452Kb / 4P
SIL 2 Temperature Signal Converter and Trip Amplifiers DIN-Rail Model D1073S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com