Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. 961 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
51-650 Echotel SIL Safety Manual
5.6.7 Fault Test Push Button
The fault test push button is used to manually change the
mA values to that selected at the 22/3.6 DIP switch.
Pressing this push button for 2 seconds simulates a circuit
test failure. The output goes to the selected fault current of
either 22 or 3.6 mA, and all 3 LEDs go dark. The fault test
push button is an option on both Model 961 and Model 962
in loop-powered configuration only.
5.6.8 22/3.6 DIP Switch
The 22/3.6 switch is used to produce a 22 mA or 3.6 mA
output when the unit detects a fault. The 22/3.6 switch is
on both the Model 961 and Model 962 in loop-powered
configuration only.
5.6.9 PC/LC DIP Switch
The PC/LC DIP switch is used to select pump control (PC)
or level control (LC) mode. In PC mode, the switch func-
tions as a pump controller where the relays latch to enable
an auto fill or auto empty operation. In LC mode, the
switch functions as a level controller where the relays oper-
ate independently of each other. See Section 2.5 of the
Echotel Model 961/962 Ultrasonic Single and Dual Point
Level Switches Installation and Operating Manual (Bulletin
51.646) for proper setting of the PC/LC DIP switches.
5.7
Site Acceptance Testing
Complete a site acceptance test to ensure proper operation
after installation and configuration. Results of site accept-
ance testing should be recorded for future reference.
5.8
Maintenance
• Report all failures to Magnetrol.
• Firmware can only be upgraded by factory personnel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com