Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

961 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 2Page - Magnetrol International, Inc. 961 Datasheet HTML 3Page - Magnetrol International, Inc. 961 Datasheet HTML 4Page - Magnetrol International, Inc. 961 Datasheet HTML 5Page - Magnetrol International, Inc. 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
51-650 Echotel SIL Safety Manual
5.0
Instructions
5.1
Systematic Limitations
The following application and environmental limitations
must be observed to avoid systematic failures.
5.1.1 Application Locations
The Model 961/962 ultrasonic level switch should be located
for easy access for service, configuration, and monitoring.
There should be sufficient headroom to allow installation
and removal of the unit. Special precautions should be
made to prevent exposure to corrosive atmosphere, excessive
vibration, shock, or physical damage.
5.1.2 Operating Temperature
The ambient temperature range for the 961/962 electronics is
-40° to +160° F (-40° to + 70° C). The operating tempera-
ture for the transducer is dependent on transducer material
(see Table 3).
5.1.3 Operating Pressure
Maximum operating pressures are dependent on the trans-
ducer material. Refer to Section 3.4 in the Echotel Model
961/962 Ultrasonic Level Switches Installation and Operating
Manual (Bulletin 51-646).
5.1.4 Environmental
See Section 3.4 of the Echotel Model 961/962 Ultrasonic
Single and Dual Point Level Switches Installation and
Operating Manual (Bulletin 51-646) for environmental
limitations.
5.2
Skill Level of Personnel
Personnel following the procedures of this safety manual
should have technical expertise equal to or greater than that
of a qualified instrument technician.
Table 3
9A1/9M1 Transducer Operating Temperatures
316 Stainless Steel,
Hastelloy C, and Monel
-40° to +325° F (-40° to +163° C)
Kynar
-40° to +250° F (-40° to +121° C)
CPVC
-40° to +180° F (-40° to 82° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com