Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82V42 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Digital Supply Current
- Active
(DVDD2)
DCLK=30MHz
¾
7
¾
mA
Supply Current
- Full Power
Down Mode
¾
300
¾mA
Note:
1. Full-scale input voltage denotes the peak input signal amplitude that can be gained to match the ADC
full-scale input range.
2. Input signal limits are the limits within which the full-scale input voltage signal must lie.
A.C. Characteristics
AVDD=DVDD1=DVDD2=3.3V, AGND=DGND=0V, Ta=25
°C, DCLK=30MHz unless otherwise stated.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Conversion Rate
3.3V
¾¾
¾
15
MSPS
Input Video Timing
AVDD=DVDD1=DVDD2=3.3V, AGND=DGND=0V, Ta=25
°C, DCLK=30MHz unless otherwise stated.
Symbol
Parameter
Min.
Typ.
Max.
Unit
tPER
DCLK period
33.3
¾¾
ns
tDCLKH
DCLK high period
16.6
¾¾
ns
tDCLKL
DCLK low period
16.6
¾¾
ns
tVSMPSU
CDSCLK2 setup time
6
¾¾
ns
tVSMPH
CDSCLK2 hold time
3
¾¾
ns
tVSU
Video level setup time
10
¾¾
ns
tVH
Video level hold time
3
¾¾
ns
tRSU
Reset level setup time
10
¾¾
ns
tRH
Reset level setup time
3
¾¾
ns
Note :
1. tVSU and tRSU denote the setup time require after the input video signal has settled.
2. Parameters are measured at 50% of the rising/falling edge.
HT82V42
Rev. 1.20
5
December 8, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com