Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HT82V42
Rev. 1.20
11
December 8, 2010
Input Sampling Block: Input Sampling and Referencing
If CDS = 1, (i.e. CDS operation) the previously sampled reset level, VRESET, is subtracted from the input video.
V1 = VIN - VRESET...................................................................Eqn. 1
If CDS = 0, (non-CDS operation) the simultaneously sampled voltage on pin VRLC is subtracted instead.
V1 = VIN - VVRLC .....................................................................Eqn. 2
If VRLCEXT = 1, VVRLC is an externally applied voltage on pin VRLC/VBIAS.
If VRLCEXT = 0, VVRLC is the output from the internal RLC DAC.
VVRLC = (VRLCSTEP
´ RLCV[3:0]) + VRLCBOT....................Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC Block: OFFSET (BLACK - LEVEL) Adjust
The resultant signal V1 is added to the Offset DAC output.
V2 = V1 + { 315mV
´ (DAC[7:0] - 127.5) } / 127.5.....................Eqn. 4
PGA NODE: GAIN Adjust
The signal is then multiplied by the PGA gain,
V3=V2
´ [186 / (278 - PGA[7:0] ) ]...........................................Eqn. 5
ADC Block: Analogue-Digital Conversion
The analogue signal is then converted to a 16-bit unsigned number, with input range configured by PGAFS[1:0].
D1[15:0] = INT{ (V3 /VFS)
´ 65535} + 32767
PGAFS[1:0] = 00 or 01 .................Eqn. 6
D1[15:0] = INT{ (V3 /VFS)
´ 65535}
PGAFS[1:0] = 11 ..........................Eqn. 7
D1[15:0] = INT{ (V3 /VFS)
´ 65535} + 65535
PGAFS[1:0] = 10 ..........................Eqn. 8
where the ADC full-scale range, VFS = 2.0V
if D1[15:0] < 0
D1[15:0] = 0
if D1[15:0] > 65535
D1[15:0] = 65535
Output Invert Block: Polarity Adjust
The polarity of the digital output may be inverted by control bit INVOP.
D2[15:0] = D1[15:0]
(INVOP = 0).....................................................Eqn. 9
D2[15:0] = 65535 - D1[15:0]
(INVOP = 1)...................................................Eqn. 10
Output Formats
Latency of valid output data with respect to CDSCLK2 is
programmable by writing to control bits DEL[1:0]. The
latency for each mode is shown in the Operating Mode
Timing Diagrams section. Figure shows the output data
formats for Modes 1, 3 and 4. Figure shows the output
data formats for Mode 2. Table summarizes the output
data obtained for each format.
Output Format
Output Pins
Output
4+4+4+4-Bit
(Nibble)
OD3~OD0
A= d15~d12
B= d11~d8
C= d7~d4
D= d3~d0
Details of Output Data
M C L K
4 + 4 + 4 + 4 - B i t
O u t p u t
A
B
A
B
C
D
Output Data Formats (Mode 2)
M C L K
4 + 4 + 4 + 4 - B i t
O u t p u t
A
B
C
D
Output Data Formats (Mode 1, 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com