Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Application Circuits
Recommended External Components
Note:
1. All capacitors should be located as close to the HT82V42 as possible.
2. AGND and DGND should be connected as close to the HT82V42 as possible.
HT82V42
Rev. 1.20
19
December 8, 2010
Register
Bit
No.
Bit Name
POR
Description
Red Offset Value
7~0
RO
80
Red offset value
Green Offset Value
7~0
GO
80
Green offset value
Blue Offset Value
7~0
BO
80
Blue offset value
RGB Offset Value
7~0
RGBO
80
Writing to this register will overwrite the new value to the
R/G/B Offset value
Red PGA gain
5~0
RPGA
5C
Red PGA value
Green PGA gain
5~0
GPGA
5C
Green PGA value
Blue PGA gain
5~0
BPGA
5C
Blue PGA value
RGB PGA gain
5~0
RGBPGA
5C
Writing to this register will overwrite the new value to the
R/G/B PGA gain value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com