Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 24Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package Information
20-pin SSOP (209mil) Outline Dimensions
· MO-150
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.291
¾
0.323
B
0.197
¾
0.220
C
0.009
¾
0.013
C
¢
0.272
¾
0.295
D
¾¾
0.079
E
¾
0.026
¾
F
0.002
¾¾
G
0.022
¾
0.037
H
0.004
¾
0.008
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
7.40
¾
8.20
B
5.00
¾
5.60
C
0.22
¾
0.33
C
¢
6.90
¾
7.50
D
¾
2.00
E
¾
0.65
¾
F
0.05
¾¾
G
0.55
¾
0.95
H
0.09
¾
0.21
a
0
°¾
8
°
HT82V42
Rev. 1.20
20
December 8, 2010
2 0
1
1 1
1 0
A
B
C
D
E
F
C '
G
H
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com