Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
HT82V42
Rev. 1.20
18
December 8, 2010
Register
Bit
No.
Bit Name
POR
Description
Auto-cycle Reset
Writing to this register will cause the auto-cycle counter to be
reset to colour R. This function is only required when
LINEBYLINE=1. When this register is written, the reset func-
tion will be initiated immediately by an internal reset signal. If
the DCLK exists, the internal reset signal will keep active for
about 2 DCLK cycles. Otherwise, the device will keep in reset
state all the time.
Setup Register 4
0
LINEBYLINE
1
Select line by line mode
0: normal operation
1: line by line operation
1
ACYCNRLC
0
When LINEBYLINE=0, this bit has no effect
When LINEBYLINE=1, this bit controls the function of the
RLC/ACYC input signal and will control the multiplexer of the
offset/gain register.
0: RLC/ACYC pin enabled for Reset Level Clamp, internal se-
lection of input and offset/gain multiplexers.
1: Auto cycling enabled by pulsing the RLC/ACYC input pin.
3
RLCINT
0
This bit is used to determine whether the Reset Level
Clamping is used.
0: RLC disable
1: RLC enable
5~4
INTM[1:0]
00
Colour selection bits used for internal modes.
00: Red
01: Green
10: Blue
11: Reserved
Setup Register 5
0
VSMPDET
0
0: Normal operation, signal on the CDSCLK2 input pin is ap-
plied directly to the Timing Control Block
1: Programmable CDSCLK2 detect circuit is enabled. An in-
ternal synchronization pulse is generated from the signal
applied to the CDSCLK2 input pin and is applied to the Timing
Control Block.
3~1
VDEL[2:0]
000
When VSMPDEL=0, these bits have no effect.
When VSMPDEL=1, these bits set the programmable delay
from the detected edge of the signal on CDSCLK2. The inter-
nal generated pulse is delayed by VDEL DCLK periods from
the detected edge.
4
POSNNEG
0
When VSMPDEL=0, this bit has no effect
When VSMPDEL=1, this bit controls whether positive or neg-
ative edges are detected.
0: Negative edge on the CDSCLK2 pin is detected and used to
generate an internal timing pulse
1: Positive edge on the CDSCLK2 pin is detected and used to
generate an internal timing pulse
Setup Register 6
7
ClkMotr
0
Internal clock monitor.
0: normal active, OD[3:0] output ADC data.
1: internal clock test mode.
Pin
ClkMotr=0
ClkMotr=1
OD3
OD3
INTVSMP
OD2
OD2
Video sample clock
OD1
OD1
ADC clock
OD0
OD0
Reset sample clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com