Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V42 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VRLCTOP
Reference RLCLDAC Output
Voltage at Code F(hex),
RLCDACRNG=0
3.3V
2.8
3.0
3.10
V
VRLCSTEP
Reference RLCDAC Output
Voltage at Code F(hex),
RLCDACRNG=1
1.90
2.00
2.10
V
Offset DAC, Monotonicity Guaranteed
Resolution
¾
8
¾
bits
DNL
Differential Non-Linearity
¾
0.1
0.5
LSB
INL
Integral Non-Linearity
¾
0.25
1.00
LSB
Step Size
¾
2.46
¾
mV/step
Output Voltage
¾-315
¾
mV
¾
+315
¾
mV
Programmable Gain Amplifier
Resolution
¾
8
¾
bits
Gain Equation
186/(278-PGA[7:0])
V/V
GMAX
Max Gain
6.50
8.00
8.40
V/V
GMIN
Min Gain
0.65
0.68
0.75
V/V
Gain Error
¾
2
¾
%
Analogue to Digital Converter
Resolution
¾
16
¾
bits
Speed
¾¾
15
MSPS
Full-scale Input Range
(2*(VRT
-VRB))
¾
2
¾
V
Digital Inputs
VIH
High Level Input Voltage
0.7VDD
¾¾
V
VIL
Low Level Input Voltage
¾¾
0.2VDD
V
IIH
High Level Input Current
¾¾
1
mA
IIL
Low Level Input Current
¾¾
1
mA
CI
Input Capacitance
¾
5
¾
pF
Digital Outputs
VOH
High Level Output Voltage
IOH=1mA
DVDD-0.5
¾¾
V
VOL
Low Level Output Voltage
IOL=1mA
¾¾
0.5
V
IOZ
High Impedance Output Current
¾¾
1
mA
Supply Currents
Total Supply Current
- Active
(Signal Channel Mode)
LINEBYLINE=1
DCLK=30MHz
¾
57
¾
mA
Total Analog Supply Current
-
Active (Signal Channel Mode)
LINEBYLINE=1
DCLK=30MHz
¾
36
¾
mA
Digital Supply Current
- Active
(DVDD1)
DCLK=30MHz
¾
14
¾
mA
HT82V42
Rev. 1.20
4
December 8, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com