Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Serial Interface
AVDD=DVDD1=DVDD2=3.3V, AGND=DGND=0V, Ta=25
°C, DCLK=30MHz unless otherwise stated.
Symbol
Parameter
Min.
Typ.
Max.
Unit
tSPER
SCK period
37.6
¾¾
ns
tSCKH
SCK high
18.8
¾¾
ns
tSCKLz
SCK low
18.8
¾¾
ns
tSSU
SDI setup time
6
¾¾
ns
tSH
SDI hold time
6
¾¾
ns
tSCE
SCK to SEN setup time
12
¾¾
ns
tSEC
SEN to SCK setup time
12
¾¾
ns
tSEW
SEN pulse width
25
¾¾
ns
tSERD
SEN low to SDO = Register data
¾¾
30
ns
tSCRD
SCK low to SDO = Register data
¾¾
30
ns
tSCRDZ
SCK low to SDO = ADC data
¾¾
30
ns
Note: Parameters are measured at 50% of the rising/falling edge.
HT82V42
Rev. 1.20
7
December 8, 2010
Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com