Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V42 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+4.3V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VCC+0.3V
Operating Temperature ..............................0
°Cto70°C
Analogue Supply Power ...............................3.0V~3.6V
Digital supply power......................................3.0V~3.6V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
AVDD=DVDD1=DVDD2=3.3V, AGND=DGND=0V, Ta=25
°C, DCLK=30MHz unless otherwise stated.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Overall System Specification (including 16-bit ADC, PGA, Offset and CDS Functions)
Full-scale Input Voltage Range
(see Note 1)
3.3V
¾
¾
0.27
¾
VP-P
¾
3.0
¾
VP-P
VIN
Input Signal Limits (see Note 2) 3.3V
¾
0
AVDD
V
Full-scale Transition Error
3.3V
Gain = 0dB;
PGA[7:0] = 54(hex)
¾
50
¾
mV
Zero-scale Transition Error
3.3V
Gain = 0dB;
PGA[7:0] = 54(hex)
¾
50
¾
mV
DNL
Differential non-Linearity
3.3V
¾¾
1.5
¾
LSB
INL
Integral non-Linearity
3.3V
¾¾
50
¾
LSB
Total Output Noise
3.3V
Min Gain
¾
7
¾
LSB
rms
Max Gain
¾
18
¾
References
VRT
Upper Reference Voltage
¾
1.90
2.00
2.20
V
VRB
Lower Reference Voltage
¾
0.90
1.00
1.20
V
VRX
Input Return Bias Voltage
¾¾
1.70
¾
V
VRTB
Diff. Reference Voltage
(VRT-VRB)
¾
0.9
1.0
1.1
V
Reset-Level Clamp (RLC) circuit/ Reference Level DAC
Reference RLCDAC Resolution
¾¾
4
¾
bits
VRLCSTEP
Reference RLCDAC Step Size
RLCDACRNG=0
3.3V
¾
0.159
0.173
0.187
V/step
VRLCBOT
Reference RLCDAC Step Size
RLCDACRNG=1
¾
0.096
0.11
0.124
V/step
VRLCBOT
Reference RLCDAC Output
Voltage at Code 0(hex),
RLCDACRNG=0
3.3V
¾
0.35
0.4
0.45
V
VRLCTOP
Reference RLCDAC Output
Voltage at Code 0(hex),
RLCDACRNG=1
¾
0.35
0.40
0.45
V
HT82V42
Rev. 1.20
3
December 8, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com