Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V42 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82V42
Description  Single-channel 16-Bit CCD/CIS Analog Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V42 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82V42 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V42 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
HT82V42
Rev. 1.20
12
December 8, 2010
Control Interface
The internal control registers are programmed via the
serial digital control interface. The register contents can
be read back via the serial interface on pin OD3/SDO. It
is recommended that a software reset is carried out after
the power-up sequence, before writing to any other reg-
ister. This ensures that all registers are set to their de-
fault values
Serial Interface
- Register Write
Figure shows the register writing in serial mode. Three
pins, SCK, SDI and SEN are used. A six-bit address (a5,
a4, a3, a2, a1, a0) is clocked in through SDI, MSB first,
followed by an eight-bit data word (b7, b6, b5, b4, b3,
b2, b1, b0), also MSB first. Each bit is latched on the ris-
ing edge of SCK. When the data has been shifted into
the device, a pulse is applied to SEN to transfer the data
to the appropriate internal register. Note all valid regis-
ters have address bit a4 equal to 0 in the write mode.
A software reset is carried out by writing to Address
²000100² with any value of data, i.e. Data Word =
XXXXXXXX.
Serial Interface
- Register Read-back
Figure shows register read-back in serial mode.
Read-back is initiated by writing to the serial bus as de-
scribed above but with address bit a4 set to 1, followed
by an 8-bit dummy data word. Writing address (a5, 1,
a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4,
d3, d2, d1, d0) of the corresponding register (a5, 0, a3,
a2, a1, a0) to be output MSB first on pin SDO (on the
falling edge of SCK). Note that pin SDO is shared with
an output pin, OD3. It must be noted that when reading
from a register the OD3 pin function will be disabled and
cannot be read by the external MCU. The next word
may be read in to SDI while the previous word is still be-
ing output on SDO.
Timing Requirement
To use this device a master clock (DCLK) of up to
30MHz and a per-pixel synchronisation clock
(CDSCLK2) of up to 15MHz are required. These clocks
drive a timing control block, which produces internal sig-
nals to control the sampling of the video signal. The
DCLK to CDSCLK2 ratios and maximum sample rates
for the various modes are shown in Table.
Programmable CDSCLK2 Detect Circuit
The CDSCLK2 input is used to determine the sampling
point and frequency of the HT82V42. Under normal op-
eration a pulse of 1 DCLK period should be applied to
CDSCLK2 at the desired sampling frequency (as shown
in the Operating Mode Timing Diagrams) and the input
sample will be taken on the first rising DCLK edge after
CSDCLK2 has gone low. However, in certain applica-
tions such a signal may not be readily available. The
programmable CDSCLK2 detect circuit in the HT82V42
allows the sampling point to be derived from any signal
of the correct frequency, such as a CCD shift register
clock, when applied to the CDSCLK2 pin. When en-
abled, by setting the VSMPDET control bit, the circuit
detects either a rising or falling edge (determined by the
POSNNEG control bit) on the CDSCLK2 input pin and
generates an internal VSMP pulse. This pulse can op-
tionally be delayed by a number of DCLK periods, speci-
fied by the VDEL[2:0] bits. Figure shows the internal
VSMP pulses that can be generated by this circuit for a
typical clock input signal. The internal VSMP pulse is
then applied to the timing control block in place of the
normal CDSCLK2 pulse provided from the input pin.
The sampling point then occurs on the first rising DCLK
edge after this internal VSMP pulse, as shown in the Op-
erating Mode Timing Diagrams.
Serial Interface Register Write
Serial Interface Register Read-back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com