Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIC403 Datasheet HTML 1Page - Vishay Siliconix SIC403 Datasheet HTML 2Page - Vishay Siliconix SIC403 Datasheet HTML 3Page - Vishay Siliconix SIC403 Datasheet HTML 4Page - Vishay Siliconix SIC403 Datasheet HTML 5Page - Vishay Siliconix SIC403 Datasheet HTML 6Page - Vishay Siliconix SIC403 Datasheet HTML 7Page - Vishay Siliconix SIC403 Datasheet HTML 8Page - Vishay Siliconix SIC403 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
5
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. VIN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
b. Guaranteed by design.
c. The switch-over threshold is the maximum voltage diff erential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage diff erential between the VLDO and VOUT pins which ensures that
VLDO will not switch-over to VOUT.
d. The LDO drop out voltage is the voltage at which the LDO output drops 2 % below the nominal regulation point.
Power Good On-Resistance
PG_RDS-ON
VEN = 0 V
10
Fault Protection
ILIM Source Current
ILIM
8µA
Valley Current Limit
RILIM = 6 kVDD = 5 V
6A
Output Under-Voltage Fault
VOUV_Fault
VFB with respect to Internal 500 mV
reference, 8 consecutive clocks
- 25
%
Smart Power-Save Protection
Threshold Voltageb
PSAVE_VTH
VFB with respect to internal 500 mV
reference
+ 10
%
Over-Voltage Protection Threshold
VFB with respect to internal 500 mV
reference
+ 20
Over-Voltage Fault Delayb
tOV-Delay
5µs
Over Temperature Shutdownb
TShut
10 °C hysteresis
150
°C
Logic Inputs/Outputs
Logic Input High Voltage
VIN+
EN, ENL, PSV
1
V
Logic Input Low Voltage
VIN-
0.4
EN/PSV Input Bias Current
IEN-
EN/PSV = VDD or AGND
- 10
+ 10
µA
ENL Input Bias Current
VIN = 28 V
11
18
FBL, FB Input Bias Current
FBL_ILK
FBL, FB = VDD or AGND
- 1
+ 1
Linear Dropout Regulator
VLDO Accuracy
VLDOACC
VLDO load = 10 mA
4.85
5
5.15
V
LDO Current Limit
LDO_ILIM
Start-up and foldback, VIN = 12 V
85
mA
Operating current limit, VIN = 12 V
134
200
VLDO to VOUT Switch-Over Threshold
c
VLDO-BPS
- 50
+ 50
mV
VLDO to VOUT Non-Switch-Over Threshold
c
VLDO-NBPS
- 550
+ 550
VLDO to VOUT Switch-Over Resistance
RLDO
VOUT = 5 V
2
LDO Drop Out Voltaged
From VIN to VVLDO, VVLDO = + 5 V,
IVLDO = 100 mA
1.2
V
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, VDD = 5 V, TA = + 25 °C for typ.,
- 25 °C to + 85 °C for min. and max.,
TJ = < 125 °C
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com