Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 2Page - Vishay Siliconix SIC403 Datasheet HTML 3Page - Vishay Siliconix SIC403 Datasheet HTML 4Page - Vishay Siliconix SIC403 Datasheet HTML 5Page - Vishay Siliconix SIC403 Datasheet HTML 6Page - Vishay Siliconix SIC403 Datasheet HTML 7Page - Vishay Siliconix SIC403 Datasheet HTML 8Page - Vishay Siliconix SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.vishay.com
6
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
Efficiency vs. IOUT
(in Continuous Conduction Mode)
VOUT vs. IOUT
(in Continuous Conduction Mode)
VOUT vs. VIN at IOUT = 0 A
(in Continuous Conduction Mode, FSW = 500 kHz)
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
I
OUT (A)
V
IN = 12 V, VOUT = 1 V, FSW = 500 kHz
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
0123
4567
V
IN = 12 V, VOUT = 1 V, FSW = 500 kHz
IOUT (A)
0.998
1
1.002
1.004
1.006
1.008
1.010
1.012
5
7
9
11131517192123
V
IN (V)
V
OUT = 1 V, FSW = 500 kHz,
Continuous Conduction Mode
Efficiency vs. IOUT
(in Power-Save-Mode)
VOUT vs. IOUT
(in Power-Save-Mode)
VOUT vs. VIN at IOUT = 6 A
(in Continuous Conduction Mode, FSW = 500 kHz)
I
OUT (A)
0.1
0.01
1
10
90
80
70
60
50
40
30
20
10
0
V
IN = 12 V, VOUT = 1 V, FSW = 500 kHz
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
1.008
06
5
4
37
2
1
I
OUT (A)
V
IN = 12 V, VOUT = 1 V, FSW = 500 kHz
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
V
OUT = 1 V, FSW = 500 kHz,
Continuous Conduction Mode
5
7
9
11
13
15
17
19
23
21
V
IN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com