Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 3Page - Vishay Siliconix SIC403 Datasheet HTML 4Page - Vishay Siliconix SIC403 Datasheet HTML 5Page - Vishay Siliconix SIC403 Datasheet HTML 6Page - Vishay Siliconix SIC403 Datasheet HTML 7Page - Vishay Siliconix SIC403 Datasheet HTML 8Page - Vishay Siliconix SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
VOUT vs. VIN
(IOUT = 0 A in Power-Save-Mode)
VOUT Ripple vs. VIN
(IOUT = 0 A in Continuous Conduction Mode)
FSW vs. IOUT
(in Continuous Conduction Mode)
0.9
0.95
1
1.05
1.1
6
8
10
12
14
16
18
20
22
24
V
IN (V)
V
OUT = 1 V, FSW = 500 kHz, Power Saving Mode
0
5
10
15
20
25
30
35
0
5
10
15
20
25
V
IN (V)
V
OUT =1 V, IOUT = 0 A, FSW = 500 kHz
I
OUT (A)
350
370
390
410
430
450
470
490
510
530
550
01234567
V
IN = 12 V, VOUT = 1 V
VOUT Ripple vs. VIN
(IOUT = 6 A in Continuous Conduction Mode)
VOUT Ripple vs. VIN
(IOUT = 0 A in Power-Save-Mode)
FSW vs. IOUT
(in Power-Save-Mode)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
V
IN (V)
V
OUT = 1 V, IOUT = 6 A, FSW = 500 kHz
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
18
20
V
IN (V)
V
OUT = 1 V, IOUT = 0 A, FSW = 500 kHz
0
100
200
300
400
500
600
0
1
234567
I
OUT (A)
V
IN = 12 V, VOUT = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com