Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 18 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix SIC403 Datasheet HTML 20Page - Vishay Siliconix SIC403 Datasheet HTML 21Page - Vishay Siliconix SIC403 Datasheet HTML 22Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.vishay.com
18
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
To compensate for valley regulation, it may be desirable to
use passive droop. Take the feedback directly from the
output side of the inductor and place a small amount of trace
resistance between the inductor and output capacitor.
This trace resistance should be optimized so that at full load
the output droops to near the lower regulation limit. Passive
droop minimizes the required output capacitance because
the voltage excursions due to load steps are reduced as
seen at the load.
The use of 1 % feedback resistors contributes up to 1 %
error. If tighter DC accuracy is required, 0.1 % resistors
should be used.
The output inductor value may change with current. This will
change the output ripple and therefore will have a minor
effect on the DC output voltage. The output ESR also affects
the output ripple and thus has a minor effect on the DC
output voltage.
Switching Frequency Variations
The switching frequency will vary depending on line and load
conditions. The line variations are a result of fixed
propagation delays in the on-time one-shot, as well as
unavoidable delays in the external MOSFET switching. As
VIN increases, these factors make the actual DH on-time
slightly longer than the ideal on-time. The net effect is that
frequency tends to falls slightly with increasing input voltage.
The switching frequency also varies with load current as a
result of the power losses in the MOSFETs and the inductor.
For a conventional PWM constant-frequency converter, as
load increases the duty cycle also increases slightly to
compensate for IR and switching losses in the MOSFETs
and inductor.
A constant on-time converter must also compensate for the
same losses by increasing the effective duty cycle (more
time is spent drawing energy from VIN as losses increase).
The on-time is essentially constant for a given VOUT/VIN
combination, to off set the losses the off-time will tend to
reduce slightly as load increases. The net effect is that
switching frequency increases slightly with increasing load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com