Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 4Page - Vishay Siliconix SIC403 Datasheet HTML 5Page - Vishay Siliconix SIC403 Datasheet HTML 6Page - Vishay Siliconix SIC403 Datasheet HTML 7Page - Vishay Siliconix SIC403 Datasheet HTML 8Page - Vishay Siliconix SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.vishay.com
8
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
VOUT Ripple in Power Save Mode (No Load)
(VIN = 12 V, VOUT = 1 V)
Transient Response in Continuous Conduction Mode
(6 A to 0.2 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Power Save Mode
(6 A to 0.2 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz at 6 A)
Ch2: Output ripple Voltage (20mV/div)
Ch1: LX Switching Node (5V/div)
Time: 20 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 5 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 10 μs/div
VOUT Ripple in Continuous Conduction Mode (No Load)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Continuous Conduction Mode
(0.2 A to 6 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Power Save Mode
(0.2 A to 6 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz at 6 A)
Ch2: Output ripple Voltage (20mV/div)
Ch1: LX Switching Node (5V/div)
Time: 2 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 5 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 10 μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com