Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix SIC403 Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.vishay.com
16
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The maximum ESR requirement is
controlled by the output ripple requirement and the DC
tolerance. The output voltage has a DC value that is equal to
the valley of the output ripple plus 1/2 of the peak-to-peak
ripple. Change in the output ripple voltage will lead to a
change in DC voltage at the output.
The design goal is that the output voltage regulation be
± 4 % under static conditions. The internal 500 mV reference
tolerance is 1 %. Allowing 1 % tolerance from the FB resistor
divider, this allows 2 % tolerance due to VOUT ripple.
Since this 2 % error comes from 1/2 of the ripple voltage, the
allowable ripple is 4 %, or 42 mV for a 1.05 V output.
The maximum ripple current of 4.4 A creates a ripple voltage
across the ESR. The maximum ESR value allowed is shown
by the following equations.
The output capacitance is usually chosen to meet transient
requirements. A worst-case load release, from maximum
load to no load at the exact moment when inductor current is
at the peak, determines the required capacitance. If the load
release is instantaneous (load changes from maximum to
zero in < 1 µs), the output capacitor must absorb all the
inductor's stored energy. This will cause a peak voltage on
the capacitor according to the following equation.
Assuming a peak voltage VPEAK of 1.150 (100 mV rise upon
load release), and a 10 A load release, the required
capacitance is shown by the next equation.
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 750 mV reference, the DL
output is high and the low-side MOSFET is on. During this
time, the voltage across the inductor is approximately - VOUT.
This causes a down-slope or falling di/dt in the inductor. If the
load dI/dt is not much faster than the - dI/dt in the inductor,
then the inductor current will tend to track the falling load
current. This will reduce the excess inductive energy that
must be absorbed by the output capacitor, therefore a
smaller capacitance can be used.
The following can be used to calculate the needed
capacitance for a given dILOAD/dt:
Peak inductor current is shown by the next equation.
ILPK = IMAX + 1/2 x IRIPPLEMAX
ILPK = 6 + 1/2 x 2.9 = 7.45 A
Rate of change of load current = dILOAD/dt
IMAX = maximum load release = 6 A
Example
This would cause the output current to move from 10 A to
zero in 4 µs as shown by the following equation.
Note that COUT is much smaller in this example, 254 µF
compared to 328 µF based on a worst-case load release. To
meet the two design criteria of minimum 254 µF and
maximum 9 m
 ESR, select two capacitors rated at 150 µF
and 18 m
 ESR.
It is recommended that an additional small capacitor be
placed in parallel with COUT in order to filter high frequency
switching noise.
Stability Considerations
Unstable operation is possible with adaptive on-time
controllers, and usually takes the form of double-pulsing or
ESR loop instability.
Double-pulsing occurs due to switching noise seen at the FB
input or because the FB ripple voltage is too low. This causes
the FB comparator to trigger prematurely after the 250 ns
minimum off-time has expired. In extreme cases the noise
can
cause
three
or
more
successive
on-times.
Double-pulsing will result in higher ripple voltage at the
output, but in most applications it will not affect operation.
This form of instability can usually be avoided by providing
the FB pin with a smooth, clean ripple signal that is at least
10 mVp-p, which may dictate the need to increase the ESR of
the output capacitors. It is also imperative to provide a proper
PCB layout as discussed in the Layout Guidelines section.
ESRMAX =
VRIPPLE
IRIPPLEMAX
ESRMAX = 9.5 m
Ω
=
42 mV
2.9 A
COUT_MIN =
L (IOUT +
x IRIPPLEMAX)2
(VPEAK)2 - (VOUT)2
1
2
COUT_MIN =
1.3 µH (6 +
x 2.9)2
(1.15)2 - (1.05)2
COUT_MIN = 328 µF
1
2
COUT = ILPK x
L x
-
x dt
2 (VPK - VOUT)
ILPK
VOUT
IMAX
dlLOAD
Load
dlLOAD
dt
=
2.5 A
µs
COUT = 7.45 x
1.3 µH x
-
x 1 µs
2 (1.15 - 1.05)
7.45
1.05
6
2.5
COUT = 254 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com