Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix SIC403 Datasheet HTML 20Page - Vishay Siliconix SIC403 Datasheet HTML 21Page - Vishay Siliconix SIC403 Datasheet HTML 22Page - Vishay Siliconix SIC403 Datasheet HTML 23Page - Vishay Siliconix SIC403 Datasheet HTML 24Page - Vishay Siliconix SIC403 Datasheet HTML 25Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
21
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
43
3
R8, R10, R29
10K
50 V
SM/C_0603
CRCW060310K0FKEA
Vishay
44
1
R9
SM/C_0603
45
1
R12
57.6K
50 V
SM/C_0603
CRCW060357K6FKEA
Vishay
46
1
R13
10K
50 V
SM/C_0402
CRCW040210K0FKED
Vishay
47
1
R14
100
50 V
SM/C_0402
CRCW040210K0FKED
Vishay
48
1
R15
1.5K
SM/C_0603
CRCW06031K50FKEA
Vishay
49
1
R23
7k15
SM/C_0603
CRCW06037K15FKEA
Vishay
50
1
R30
154K
SM/C_0603
CRCW0603154KFKEA
Vishay
51
1
R39
0R
SM/C_0402
CRCW04020000Z0ED
Vishay
52
1
R51
1R
SM/C_0805
CRCW08051R00FNEA
Vishay
53
1
R52
31K6
50 V
SM/C_0603
CRCW060331K6FKEA
Vishay
54
1
U1
SiC401/2/3
MLPQ5x5-32L
Vishay
BILL OF MATERIALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com