Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 7Page - Vishay Siliconix SIC403 Datasheet HTML 8Page - Vishay Siliconix SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The maximum RTON value allowed is shown by the following
equation.
VOUT Voltage Selection
The switcher output voltage is regulated by comparing VOUT
as seen through a resistor divider at the FB pin to the internal
750 mV reference voltage, see figure 3.
As the control method regulates the valley of the output ripple
voltage, the DC output voltage VOUT is off set by the output
ripple according to the following equation.
VOUT = 0.75 x (1 + R1/R2) + VRIPPLE/2
Enable and Power-Save Inputs
The EN/PSV and ENL inputs are used to enable or disable
the switching regulator and the LDO.
When EN/PSV is low (grounded), the switching regulator is
off and in its lowest power state. When off, the output of the
switching regulator soft-discharges the output into a 15
internal resistor via the VOUT pin.
When EN/PSV is allowed to float, the pin voltage will float to
1.5 V. The switching regulator turns on with power-save
disabled and all switching is in forced continuous mode.
When EN/PSV is high (above 2 V), the switching regulator
turns on with ultra-sonic power-save enabled. The SiC403
ultra-sonic power-save operation maintains a minimum
switching frequency of 25 kHz, for applications with stringent
audio requirements.
The ENL input is used to control the internal LDO. This input
serves a second function by acting as a VIN UVLO sensor for
the switching regulator.
The LDO is off when ENL is low (grounded). When ENL is a
logic high but below the VIN UVLO threshold (2.6 V typical),
then the LDO is on and the switcher is off. When ENL is
above the VIN UVLO threshold, the LDO is enabled and the
switcher is also enabled if the EN/PSV pin is not grounded.
Forced Continuous Mode Operation
The SiC403 operates the switcher in Forced Continuous
Mode (FCM) by floating the EN/PSV pin (see figure 4). In this
mode one of the power MOSFETs is always on, with no
intentional dead time other than to avoid cross-conduction.
This feature results in uniform frequency across the full load
range with the trade-off being poor efficiency at light loads
due to the high-frequency switching of the MOSFETs.
Ultrasonic Power-Save Operation
The SiC403 provides ultra-sonic power-save operation at
light loads, with the minimum operating frequency fixed at
25 kHz. This is accomplished using an internal timer that
monitors the time between consecutive high-side gate
pulses.
If the time exceeds 40 µs, DL drives high to turn the low-side
MOSFET on. This draws current from VOUT through the
inductor, forcing both VOUT and VFB to fall. When VFB drops
to the 750 mV threshold, the next DH on-time is triggered.
After the on-time is completed the high-side MOSFET is
turned off and the low-side MOSFET turns on, the low-side
MOSFET remains on until the inductor current ramps down
to zero, at which point the low-side MOSFET is turned off.
Figure 3 - Output Voltage Selection
Rton_MAX =
VIN_MIN
15 µA
VOUT
R1
R2
To FB pin
Figure 4 - Forced Continuous Mode Operation
Figure 5 - Ultrasonic power-save Operation
FB ripple
voltage (VFB)
Inductor
current
DC load current
FB threshold
(750 mV)
DH
DL
On-time
(tON)
DH on-time is triggered when
VFB reaches the FB threshold
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
FB ripple
voltage (VFB)
Inductor
current
(0A)
FB threshold
(750 mV)
DH
DL
On-time
(tON)
DH on-time is triggered when
VFB reaches the FB threshold
After the 40 µs time-out, DL drives high if VFB
has not reached the FB threshold.
minimum fSW ~ 25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com